PART |
Description |
Maker |
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
NSD10-12D12 NSD10-12D15 NSD10-12D5 NSD10-12S12 NSD |
10W DC-DCRegulated Single Output 10W DC-DC Regulated Dual Output
|
Mean Well Enterprises Co., Ltd.
|
LXMG1626-12-67 |
12V 10W Dual CCFL Programmable Inverter Module 12V0W的双冷阴极可编程变频器模
|
Microsemi, Corp.
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
IDD10-03S1U10 IDD10-12D3U IDD10-05D2U IDD10-05S3U |
DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
|
Chinfa Electronics Ind. Co., Ltd. Chinfa Electronics Ind....
|
DKE10A-12 DKE10A-15 DKE10A-24 DKE10A-05 DKE10C-12 |
10W DC-DC Regulated Dual Output Converter
|
Mean Well Enterprises Co., Ltd.
|
TDA7297SA |
10W 10W DUAL BRIDGE AMPLIFIER
|
STMicroelectronics
|
MKW1048 MKW1000 MKW1021 MKW1022 MKW1023 MKW1024 MK |
10W, Wide Input Range, Single & Dual Output DC/DC Converters
|
Minmax Technology Co., ... MINMAX[Minmax Technology Co., Ltd.]
|
MIW5049 MIW5000 MIW5021 MIW5022 MIW5023 MIW5024 MI |
10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
|
MINMAX[Minmax Technology Co., Ltd.]
|
TDA7497 |
10W 10W 10W/15W TRIPLE AMPLIFIER 10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HPR1XX HPR100 HPR101 HPR102 HPR103 HPR104 HPR105 H |
DC/DC converter, input 15V, output 12V DC/DC converter, input 24V, output /-12V MINIATURE SIP, DIP AND SMD PACKAGES DC/DC converter, input 24V, output /-15V DC/DC converter, input 12V, output /-5V
|
CANDD[C&D Technologies]
|
BWR-12125-D12 BWR-12125-D48 BWR-15100-D12 BWR-1210 |
12V 3W, dual output DC/DC converter 15V 3W, dual output DC/DC converter
|
Datel
|